Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 103Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 106Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 106 of 148
S25FL128S/S25FL256S
Figure 9.34 Program Suspend Command Sequence
Figure 70. Program Resume Command Sequence
9.6
Erase Flash Array Commands
9.6.1
Parameter 4-kB Sector Erase (P4E 20h or 4P4E 21h)
The P4E command is implemented only in FL128S and FL256S. The P4E command is ignored when the device is configured with
the 256-kB sector option.
The Parameter 4-kB Sector Erase (P4E) command sets all the bits of a 4-kbyte parameter sector to 1 (all bytes are FFh). Before the
P4E command can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the device, which
sets the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The instruction
20h [ExtAdd=0] is followed by a 3-byte address (A23-A0), or
20h [ExtAdd=1] is followed by a 4-byte address (A31-A0), or
21h is followed by a 4-byte address (A31-A0)
CS# must be driven into the logic high state after the twenty-fourth or thirty-second bit of the address has been latched in on SI. This
will initiate the beginning of internal erase cycle, which involves the pre-programming and erase of the chosen sector of the flash
memory array. If CS# is not driven high after the last bit of address, the sector erase operation will not be executed.
As soon as CS# is driven high, the internal erase cycle will be initiated. With the internal erase cycle in progress, the user can read
the value of the Write-In Progress (WIP) bit to determine when the operation has been completed. The WIP bit will indicate a 1.
when the erase cycle is in progress and a 0 when the erase cycle has been completed.
A P4E command applied to a sector that has been write protected through the Block Protection bits or ASP, will not be executed and
will set the E_ERR status. A P4E command applied to a sector that is larger than
4 kbytes will not be executed and will not set the E_ERR status.
Program Suspend Instruction
Read Status
Mode Command
Prog. Suspend
7
6
5
4
3
2
1
0
7
6
0
7
6
5
7
0
tPSL
tPSL
CS#
SCK
SI
SO
1
1
3
2
7
6
5
4
0
Instruction (8Ah)
SCK
SO
High Impedance
SI
CS
0
1
7
6
5
4
3
2
MSB
Resume Programming
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com