Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 109 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 109 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 106Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 113Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 108 of 148
S25FL128S/S25FL256S
Figure 73. Sector Erase Command Sequence (ExtAdd = 0, 3-Byte Address, D8h)
Figure 74. Sector Erase Command Sequence (ExtAdd = 1, D8h or 4-Byte Address, DCh)
9.6.3
Bulk Erase (BE 60h or C7h)
The Bulk Erase (BE) command sets all bits to 1 (all bytes are FFh) inside the entire flash memory array. Before the BE command
can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the device, which sets the Write
Enable Latch (WEL) in the Status Register to enable any write operations.
CS# must be driven into the logic high state after the eighth bit of the instruction byte has been latched in on SI. This will initiate the
erase cycle, which involves the pre-programming and erase of the entire flash memory array. If CS# is not driven high after the last
bit of instruction, the BE operation will not be executed.
As soon as CS# is driven into the logic high state, the erase cycle will be initiated. With the erase cycle in progress, the user can
read the value of the Write-In Progress (WIP) bit to determine when the operation has been completed. The WIP bit will indicate a 1
when the erase cycle is in progress and a 0 when the erase cycle has been completed.
A BE command can be executed only when the Block Protection (BP2, BP1, BP0) bits are set to 0’s. If the BP bits are not zero, the
BE command is not executed and E_ERR is not set. The BE command will skip any sectors protected by the DYB or PPB and the
E_ERR status will not be set.
Figure 75. Bulk Erase Command Sequence
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24 Bit Address
23
21
22
1
3
2
0
SCK
SI
MSB
CS #
1
3
2
1 0
9
8
7
6
5
4
0
3 9
3 8
3 7
3 6
In s tru c tio n
3 2 B it A d d re s s
3 1
2 9
3 0
1
3
2
0
S C K
S I
M S B
C S #
3
27
6
5
4
0
Instruction
SCK
SI
1
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com