Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 113 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 113 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 117Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 112 of 148
S25FL128S/S25FL256S
9.7.2
OTP Read (OTPR 4Bh)
The OTP Read command reads data from the OTP region. The OTP region is 1024 bytes so, the address bits from A23 to A10 must
be zero for this command. Refer to Section 7.4 OTP Address Space on page 46 for details on the OTP region. The protocol of the
OTP Read command is similar to the Fast Read command except that it will not wrap to the starting address after the OTP address
is at its maximum; instead, the data beyond the maximum OTP address will be undefined. Also, the OTP Read command is not
affected by the latency code. The OTP read command always has one dummy byte of latency as shown below.
Figure 9.36 OTP Read Command Sequence
9.8
Advanced Sector Protection Commands
9.8.1
ASP Read (ASPRD 2Bh)
The ASP Read instruction 2Bh is shifted into SI by the rising edge of the SCK signal. Then the 16-bit ASP register contents is shifted
out on the serial output SO, least significant byte first. Each bit is shifted out at the SCK frequency by the falling edge of the SCK
signal. It is possible to read the ASP register continuously by providing multiples of 16 clock cycles. The maximum operating clock
frequency for the ASP Read (ASPRD) command is 133 MHz.
Figure 9.37 ASPRD Command
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24-Bit
Address
23
21
22
1
3
2
0
1
3
2
0
7
6
5
4
36
35
34
33
32
39
38
37
1
3
2
0
7
6
5
4
Dummy Byte
44
43
42
41
40
47
46
45
DATA OUT 1
DATA OUT 2
SCK
SI
SO
MSB
High Impedance
7
MSB
CS
#
1
3
2
10
9
8
7
6
5
4
0
14
13
12
11
Instruction
1
3
2
0
7
6
5
4
SCK
SO
High Impedance
MSB
Register Out
SI
15
18
17
16
22
21
20
19
9
11
10
8
15
14
13
12
MSB
Register Out
23
7
MSB
CS#
0
1
7
6
5
4
3
2
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com