Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 140 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 140 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 139Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 140Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 144Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 139 of 148
S25FL128S/S25FL256S
Note:
1. Default value depends on ordering part number, see Section 11.5 Initial Delivery State on page 140.
Table 75. ASP Register (ASPR)
Bits
Field Name
Function
Type
Default
State
Description
15 to 9
RFU
Reserved
OTP
1
Reserved for Future Use
8
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
7
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
6
RFU
Reserved
OTP
1
Reserved for Future Use
5
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
4
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
3
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
2
PWDMLB
Password Protection
Mode Lock Bit
OTP
1
0 = Password Protection Mode Permanently Enabled.
1 = Password Protection Mode not Permanently Enabled.
1
PSTMLB
Persistent Protection
Mode Lock Bit
OTP
1
0 = Persistent Protection Mode Permanently Enabled.
1 = Persistent Protection Mode not Permanently Enabled.
0
RFU
Reserved
OTP
1
Reserved for Future Use
Table 76. Password Register (PASS)
Bits
Field
Name
Function
Type
Default State
Description
63 to 0
PWD
Hidden Password
OTP
FFFFFFFF-
FFFFFFFFh
Non-volatile OTP storage of 64-bit password. The
password is no longer readable after the password
protection mode is selected by programming ASP
register bit 2 to zero.
Table 77. PPB Lock Register (PPBL)
Bits
Field Name
Function
Type
Default State
Description
7 to 1
RFU
Reserved
Volatile
00h
Reserved for Future Use
0
PPBLOCK Protect PPB Array
Volatile
Persistent Protection Mode = 1
Password Protection Mode = 0
0 = PPB array protected until next power
cycle or hardware reset
1 = PPB array may be programmed or
erased
Table 78. PPB Access Register (PPBAR)
Bits
Field Name
Function
Type
Default
State
Description
7 to 0
PPB
Read or Program
per sector PPB
Non-volatile
FFh
00h = PPB for the sector addressed by the PPBRD or
PPBP command is programmed to ‘0’, protecting that
sector from program or erase operations.
FFh = PPB for the sector addressed by the PPBRD or
PPBP command is erased to ‘1’, not protecting that
sector from program or erase operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com