Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 138 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 138 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 139Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 140Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 137 of 148
S25FL128S/S25FL256S
11.3
Device ID and Common Flash Interface (ID-CFI) ASO Map — Automotive Only
The CFI Primary Vendor-Specific Extended Query is extended to include Electronic Marking information for device traceability.
Fab Lot # + Wafer # + Die X Coordinate + Die Y Coordinate gives a unique ID for each device.
11.4
Registers
The register maps are copied in this section as a quick reference. See Section 7.5 Registers on page 48 for the full description of the
register contents.
Address
Data Field
# of
bytes
Data
Format
Example of
Actual Data
Hex Read Out of Example Data
(SA) + 0180h
Size of Electronic Marking
1
Hex
20
14h
(SA) + 0181h Revision of Electronic Marking
1
Hex
1
01h
(SA) + 0182h
Fab Lot #
8
ASCII
LD87270
4Ch, 44h, 38h, 37h, 32h, 37h, 30h, FFh
(SA) + 018Ah
Wafer #
1
Hex
23
17h
(SA) + 018Bh
Die X Coordinate
1
Hex
10
0Ah
(SA) + 018Ch
Die Y Coordinate
1
Hex
15
0Fh
(SA) + 018Dh
Class Lot #
7
ASCII
BR33150
42h, 52h, 33h, 33h, 31h, 35h, 30h
(SA) + 0194h
Reserved for Future
12
N/A
N/A
FFh, FFh, FFh, FFh, FFh, FFh, FFh, FFh,
FFh, FFh, FFh, FFh
Table 71. Status Register 1 (SR1)
Bits
Field
Name
Function
Type
Default State
Description
7
SRWD
Status Register
Write Disable
Non-Volatile
0
1 = Locks state of SRWD, BP, and configuration
register bits when WP# is low by ignoring WRR
command
0 = No protection, even when WP# is low
6
P_ERR
Programming
Error Occurred
Volatile, Read only
0
1 = Error occurred
0 = No Error
5
E_ERR
Erase Error
Occurred
Volatile, Read only
0
1= Error occurred
0 = No Error
4
BP2
Block Protection
Volatile if CR1[3]=1,
Non-Volatile if
CR1[3]=0
1 if CR1[3]=1,
0 when
shipped from
Cypress
Protects selected range of sectors (Block) from
Program or Erase
3
BP1
2
BP0
1
WEL
Write Enable
Latch
Volatile
0
1 = Device accepts Write Registers (WRR), program
or erase commands
0 = Device ignores Write Registers (WRR), program
or erase commands
This bit is not affected by WRR, only WREN and
WRDI commands affect this bit.
0
WIP
Write in Progress Volatile, Read only
0
1= Device Busy, a Write Registers (WRR), program,
erase or other operation is in progress
0 = Ready Device is in standby mode and can
accept commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com