Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 135 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 135 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 139Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 134 of 148
S25FL128S/S25FL256S
16h
00h
Read Fast mode cycles
17h
00h
Read Fast latency cycles
18h
00h
Read Dual Out mode cycles
19h
00h
Read Dual Out latency cycles
1Ah
00h
Read Quad Out mode cycles
1Bh
00h
Read Quad Out latency cycles
1Ch
04h
Dual I/O Read mode cycles
1Dh
00h
Dual I/O Read latency cycles
1Eh
02h
Quad I/O Read mode cycles
1Fh
01h
Quad I/O Read latency cycles
20h
50h
Start of row 3, SCK frequency limit for this row (80 MHz)
21h
00h
Latency Code for this row (00b)
22h
FFh
Read mode cycles (FFh = command not supported at this frequency)
23h
FFh
Read latency cycles
24h
00h
Read Fast mode cycles
25h
08h
Read Fast latency cycles
26h
00h
Read Dual Out mode cycles
27h
08h
Read Dual Out latency cycles
28h
00h
Read Quad Out mode cycles
29h
08h
Read Quad Out latency cycles
2Ah
04h
Dual I/O Read mode cycles
2Bh
00h
Dual I/O Read latency cycles
2Ch
02h
Quad I/O Read mode cycles
2Dh
04h
Quad I/O Read latency cycles
2Eh
5Ah
Start of row 4, SCK frequency limit for this row (90 MHz)
2Fh
01h
Latency Code for this row (01b)
30h
FFh
Read mode cycles (FFh = command not supported at this frequency)
31h
FFh
Read latency cycles
32h
00h
Read Fast mode cycles
33h
08h
Read Fast latency cycles
34h
00h
Read Dual Out mode cycles
35h
08h
Read Dual Out latency cycles
36h
00h
Read Quad Out mode cycles
37h
08h
Read Quad Out latency cycles
38h
04h
Dual I/O Read mode cycles
39h
01h
Dual I/O Read latency cycles
3Ah
02h
Quad I/O Read mode cycles
3Bh
04h
Quad I/O Read latency cycles
3Ch
68h
Start of row 5, SCK frequency limit for this row (104 MHz)
3Dh
02h
Latency Code for this row (10b)
3Eh
FFh
Read mode cycles (FFh = command not supported at this frequency)
3Fh
FFh
Read latency cycles
Table 68. CFI Alternate Vendor-Specific Extended Query Parameter 90h - EHPLC (SDR) (Continued)
Parameter Relative
Byte Address Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com