Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 131 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 131 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 130 of 148
S25FL128S/S25FL256S
Table 66. CFI Alternate Vendor-Specific Extended Query Parameter 90h - HPLC(SDR)
Parameter Relative
Byte Address
Offset
Data
Description
00h
90h
Parameter ID (Latency Code Table)
01h
56h
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
06h
Number of rows
03h
0Eh
Row length in bytes
04h
46h
Start of header (row 1), ASCII “F” for frequency column header
05h
43h
ASCII “C” for Code column header
06h
03h
Read 3-byte address instruction
07h
13h
Read 4-byte address instruction
08h
0Bh
Read Fast 3-byte address instruction
09h
0Ch
Read Fast 4-byte address instruction
0Ah
3Bh
Read Dual Out 3-byte address instruction
0Bh
3Ch
Read Dual Out 4-byte address instruction
0Ch
6Bh
Read Quad Out 3-byte address instruction
0Dh
6Ch
Read Quad Out 4-byte address instruction
0Eh
BBh
Dual I/O Read 3-byte address instruction
0Fh
BCh
Dual I/O Read 4-byte address instruction
10h
EBh
Quad I/O Read 3-byte address instruction
11h
ECh
Quad I/O Read 4-byte address instruction
12h
32h
Start of row 2, SCK frequency limit for this row (50 MHz)
13h
03h
Latency Code for this row (11b)
14h
00h
Read mode cycles
15h
00h
Read latency cycles
16h
00h
Read Fast mode cycles
17h
00h
Read Fast latency cycles
18h
00h
Read Dual Out mode cycles
19h
00h
Read Dual Out latency cycles
1Ah
00h
Read Quad Out mode cycles
1Bh
00h
Read Quad Out latency cycles
1Ch
00h
Dual I/O Read mode cycles
1Dh
04h
Dual I/O Read latency cycles
1Eh
02h
Quad I/O Read mode cycles
1Fh
01h
Quad I/O Read latency cycles
20h
50h
Start of row 3, SCK frequency limit for this row (80 MHz)
21h
00h
Latency Code for this row (00b)
22h
FFh
Read mode cycles (FFh = command not supported at this frequency)
23h
FFh
Read latency cycles
24h
00h
Read Fast mode cycles
25h
08h
Read Fast latency cycles
26h
00h
Read Dual Out mode cycles
27h
08h
Read Dual Out latency cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com