Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 133 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 133 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 132 of 148
S25FL128S/S25FL256S
51h
FFh
Read Dual Out latency cycles
52h
FFh
Read Quad Out mode cycles
53h
FFh
Read Quad Out latency cycles
54h
FFh
Dual I/O Read mode cycles
55h
FFh
Dual I/O Read latency cycles
56h
FFh
Quad I/O Read mode cycles
57h
FFh
Quad I/O Read latency cycles
Table 67. CFI Alternate Vendor-Specific Extended Query Parameter 9Ah - HPLC DDR
Parameter Relative
Byte Address
Offset
Data
Description
00h
9Ah
Parameter ID (Latency Code Table)
01h
2Ah
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
05h
Number of rows
03h
08h
Row length in bytes
04h
46h
Start of header (row 1), ASCII “F” for frequency column header
05h
43h
ASCII “C” for Code column header
06h
0Dh
Read Fast DDR 3-byte address instruction
07h
0Eh
Read Fast DDR 4-byte address instruction
08h
BDh
DDR Dual I/O Read 3-byte address instruction
09h
BEh
DDR Dual I/O Read 4-byte address instruction
0Ah
EDh
Read DDR Quad I/O 3-byte address instruction
0Bh
EEh
Read DDR Quad I/O 4-byte address instruction
0Ch
32h
Start of row 2, SCK frequency limit for this row (50 MHz)
0Dh
03h
Latency Code for this row (11b)
0Eh
00h
Read Fast DDR mode cycles
0Fh
04h
Read Fast DDR latency cycles
10h
00h
DDR Dual I/O Read mode cycles
11h
04h
DDR Dual I/O Read latency cycles
12h
01h
Read DDR Quad I/O mode cycles
13h
03h
Read DDR Quad I/O latency cycles
14h
42h
Start of row 3, SCK frequency limit for this row (66 MHz)
15h
00h
Latency Code for this row (00b)
16h
00h
Read Fast DDR mode cycles
17h
05h
Read Fast DDR latency cycles
18h
00h
DDR Dual I/O Read mode cycles
19h
06h
DDR Dual I/O Read latency cycles
1Ah
01h
Read DDR Quad I/O mode cycles
1Bh
06h
Read DDR Quad I/O latency cycles
1Ch
42h
Start of row 4, SCK frequency limit for this row (66 MHz)
Table 66. CFI Alternate Vendor-Specific Extended Query Parameter 90h - HPLC(SDR) (Continued)
Parameter Relative
Byte Address
Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com