Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 127 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 127 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 123Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 124Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 125Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 126Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 126 of 148
S25FL128S/S25FL256S
Table 58. Device Geometry Definition for 128-Mbit and 256-Mbit Uniform Sector Devices
Byte Address
Data
Description
27h
18h (128 Mb)
19h (256 Mb)
Device Size = 2N bytes
28h
02h
Flash Device Interface Description:
0000h = x8 only
0001h = x16 only
0002h = x8/x16 capable
0003h = x32 only
0004h = Single I/O SPI, 3-byte address
0005h = Multi I/O SPI, 3-byte address
0102h = Multi I/O SPI, 3- or 4-byte address
29h
01h
2Ah
09h
Max. number of bytes in multi-byte write = 2N
(0000 = not supported
0008h = 256B page
0009h = 512B page)
2Bh
00h
2Ch
01h
Number of Erase Block Regions within device
1 = Uniform Device, 2 = Boot Device
2Dh
3Fh (128 Mb)
7Fh (256 Mb)
Erase Block Region 1 Information (refer to JEDEC JEP137):
64 sectors = 64-1 = 003Fh (128 Mb)
128 sectors = 128-1 = 007Fh (256 Mb)
256-kB sectors = 256 bytes x 0400h
2Eh
00h
2Fh
00h
30h
04h
31h thru 3Fh
FFh
RFU
Table 59. CFI Primary Vendor-Specific Extended Query
Byte Address
Data
Description
40h
50h
Query-unique ASCII string “PRI”
41h
52h
42h
49h
43h
31h
Major version number = 1, ASCII
44h
33h
Minor version number = 3, ASCII
45h
21h
Address Sensitive Unlock (Bits 1-0)
00b = Required
01b = Not Required
Process Technology (Bits 5-2)
0000b = 0.23 µm Floating Gate
0001b = 0.17 µm Floating Gate
0010b = 0.23 µm MirrorBit
0011b = 0.11 µm Floating Gate
0100b = 0.11 µm MirrorBit
0101b = 0.09 µm MirrorBit
1000b = 0.065 µm MirrorBit
46h
02h
Erase Suspend
0 = Not Supported
1 = Read Only
2 = Read and Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com