Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 125 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 125 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 121Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 122Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 123Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 124Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 125Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 126Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 127Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 124 of 148
S25FL128S/S25FL256S
11.2
Device ID and Common Flash Interface (ID-CFI) Address Map
11.2.1 Field Definitions
Table 54. Manufacturer and Device ID
Byte Address
Data
Description
00h
01h
Manufacturer ID for Cypress
01h
20h (128 Mb)
02h (256 Mb)
Device ID Most Significant Byte - Memory Interface Type
02h
18h (128 Mb)
19h (256 Mb)
Device ID Least Significant Byte - Density
03h
4Dh
ID-CFI Length - number bytes following. Adding this value to the
current location of 03h gives the address of the last valid location
in the ID-CFI address map. A value of 00h indicates the entire
512-byte ID-CFI space must be read because the actual length of
the ID-CFI information is longer than can be indicated by this
legacy single byte field. The value is OPN dependent.
04h
00h (Uniform 256-kB sectors)
01h (4-kB parameter sectors with uniform
64-kB sectors)
Sector Architecture
05h
80h (FL-S Family)
Family ID
06h
xxh
ASCII characters for Model
Refer to Section 12. Ordering Information on page 141 for the
model number definitions.
07h
xxh
08h
xxh
Reserved
09h
xxh
Reserved
0Ah
xxh
Reserved
0Bh
xxh
Reserved
0Ch
xxh
Reserved
0Dh
xxh
Reserved
0Eh
xxh
Reserved
0Fh
xxh
Reserved
Table 55. CFI Query Identification String
Byte Address
Data
Description
10h
11h
12h
51h
52h
59h
Query Unique ASCII string “QRY”
13h
14h
02h
00h
Primary OEM Command Set
FL-P backward compatible command set ID
15h
16h
40h
00h
Address for Primary Extended Table
17h
18h
53h
46h
Alternate OEM Command Set
ASCII characters “FS” for SPI (F) interface, S Technology
19h
1Ah
51h
00h
Address for Alternate OEM Extended Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com