Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 122 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 122 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 119Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 120Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 121Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 122Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 123Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 124Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 125Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 126Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 121 of 148
S25FL128S/S25FL256S
10. Data Integrity
10.1
Erase Endurance
Note:
1. Each write command to a non-volatile register causes a PE cycle on the entire non-volatile register array.
10.2
Data Retention
Contact Cypress Sales and FAE for further information on the data integrity. An application note is available at:
www.cypress.com/appnotes
Table 10.1 Erase Endurance
Parameter
Minimum
Unit
Program/Erase cycles per main Flash array sectors
100K
PE cycle
Program/Erase cycles per PPB array or non-volatile register array (1)
100K
PE cycle
Table 10.2 Data Retention
Parameter
Test Conditions
Minimum
Time
Unit
Data Retention Time
10K Program/Erase Cycles
20
Years
100K Program/Erase Cycles
2
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com