Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 120 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 120 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 119Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 120Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 121Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 122Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 123Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 124Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 119 of 148
S25FL128S/S25FL256S
9.9.2
Mode Bit Reset (MBR FFh)
The Mode Bit Reset (MBR) command can be used to return the device from continuous high performance read mode back to normal
standby awaiting any new command. Because some device packages lack a hardware RESET# input and a device that is in a
continuous high performance read mode may not recognize any normal SPI command, a system hardware reset or software reset
command may not be recognized by the device. It is recommended to use the MBR command after a system reset when the
RESET# signal is not available or, before sending a software reset, to ensure the device is released from continuous high
performance read mode.
The MBR command sends Ones on SI or IO0 for 8 SCK cycles. IO1 to IO3 are “don’t care” during these cycles.
Figure 86. Mode Bit Reset Command Sequence
9.10
Embedded Algorithm Performance Tables
Notes:
1. Typical program and erase times assume the following conditions: 25°C, VCC = 3.0V; 10,000 cycles; checkerboard data pattern.
2. Under worst case conditions of 90°C; 100,000 cycles max.
3. Maximum value also applies to OTPP, PPBP, ASPP, PASSP, ABWR, and PNVDLR programming commands.
4. Maximum value also applies to the PPBE erase command.
Table 50. Program and Erase Performance
Symbol
Parameter
Min
Typ
(1)
Max
(2)
Unit
tW
WRR Write Time
140
500
ms
tPP
Page Programming (512 bytes)
Page Programming (256 bytes)
340
250
750
750 (3)
µs
tSE
Sector Erase Time (64-kB / 4-kB physical sectors)
130
650 (4)
ms
Sector Erase Time
(64 kB Top/Bottom: logical sector = 16 x 4-kB physical sectors)
2,080
10,400
ms
Sector Erase Time
(256-kB logical sectors = 4 x 64-kB physical sectors)
520
2600
ms
tBE
tBE
Bulk Erase Time (S25FL128S)
33
165
sec
Bulk Erase Time (S25FL256S)
66
330
sec
1
1
3
2
7
6
5
4
0
Instruction (FFh)
SCK
SO
High Impedance
SI
CS
S #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com