Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL256SDPNFAQ Datasheet(PDF) 118 Page - Cypress Semiconductor

Part # S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Datasheet(HTML) 118 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 119Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 120Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 121Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 122Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 117 of 148
S25FL128S/S25FL256S
9.8.11 Password Program (PASSP E8h)
Before the Password Program (PASSP) command can be accepted by the device, a Write Enable (WREN) command must be
issued and decoded by the device. After the Write Enable (WREN) command has been decoded, the device sets the Write Enable
Latch (WEL) to enable the PASSP operation.
The password can only be programmed before the Password Mode is selected by programming the Password Protection Mode bit
to 0 in the ASP Register (ASP[2]). After the Password Protection Mode is selected the PASSP command is ignored.
The PASSP command is entered by driving CS# to the logic low state, followed by the instruction and the password data bytes on
SI, least significant byte first, most significant bit of each byte first. The password is sixty-four (64) bits in length.
CS# must be driven to the logic high state after the sixty-fourth (64th) bit of data has been latched. If not, the PASSP command is not
executed. As soon as CS# is driven to the logic high state, the self-timed PASSP operation is initiated. While the PASSP operation
is in progress, the Status Register may be read to check the value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit
is a 1 during the self-timed PASSP cycle, and is a 0 when it is completed. The PASSP command can report a program error in the
P_ERR bit of the status register. When the PASSP operation is completed, the Write Enable Latch (WEL) is set to a 0. The
maximum clock frequency for the PASSP command is 133 MHz.
Figure 9.40 Password Program Command Sequence
9.8.12 Password Unlock (PASSU E9h)
The PASSU command is entered by driving CS# to the logic low state, followed by the instruction and the password data bytes on
SI, least significant byte first, most significant bit of each byte first. The password is sixty-four (64) bits in length.
CS# must be driven to the logic high state after the sixty-fourth (64th) bit of data has been latched. If not, the PASSU command is not
executed. As soon as CS# is driven to the logic high state, the self-timed PASSU operation is initiated. While the PASSU operation
is in progress, the Status Register may be read to check the value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit
is a 1 during the self-timed PASSU cycle, and is a 0 when it is completed.
If the PASSU command supplied password does not match the hidden password in the Password Register, an error is reported by
setting the P_ERR bit to 1. The WIP bit of the status register also remains set to 1. It is necessary to use the CLSR command to
clear the status register, the RESET command to software reset the device, or drive the RESET# input low to initiate a hardware
reset, in order to return the P_ERR and WIP bits to 0. This returns the device to standby state, ready for new commands such as a
retry of the PASSU command.
If the password does match, the PPB Lock bit is set to 1. The maximum clock frequency for the PASSU command is 133 MHz.
Instruction
Password
1
3
210
9
8
7
6
5
4
0
70
69
68
71
56
57
7
6
5
59
58
SCK
SI
SO
MSB
High Impedance
CS#
0
1
7
6
5
4
3
2
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com