Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 4Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 5Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 6Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 7Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 8Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 9Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 10Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 11Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
C-94
Multifunction Preset Counter
H7CX
I Terminal Arrangement
Confirm that the power supply meets specifications before use.
Note: Do not connect unused terminals as relay terminals.
6789
10
11
12
13
(
−)
(+)
0 V
1234
5
6789
10
11
12
13
(+)
(
−)
0 V
1234
5
6789
10
11
12
13
12345
(
−)
(+)
0 V
6789
10
11
12
13
0 V
12345
(+)
(
−)
6
7
8
9
10
11
1
2
3
4
5
(+)
(
−)
CP1
CP2
0 V
(
−)
(+)
6
7
8
9
10
11
1
2
3
4
5
(+)
(
−)
CP1
CP2
0 V
(
−)
(+)
OUT
OUT
OUT
OUT
OUT
OUT
Sensor, etc.
Unused
Unused
12 VDC
Unused
Unused
Unused
Note: Terminals 1 and 6 are connected internally.
Sensor, etc.
12 VDC
Unused
Unused
Unused
Unused
Unused
Note: Terminals 1 and 6 are connected internally.
Reset
Total reset
Sensor, etc.
12 VDC
External power supply
Internal circuit
Reset
Total reset
Sensor, etc.
12 VDC
External power supply
Internal circuit
H7CX-A/-A4
1-stage Contact Output
External power
supply
H7CX-AS/-A4S
1-stage Transistor Output
External power
supply
H7CX-A11/-A114/-A11D1/-A114D1
1-stage Contact Output
H7CX-AD/-A4D
1-stage Contact Output
H7CX-ASD/-A4SD
1-stage Transistor Output
H7CX-A11S/-A114S/-A11SD1
1-stage Transistor Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com