Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 7Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 8Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 9Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 10Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 11Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 12Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 13Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 14Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Multifunction Preset Counter
H7CX
C-97
Voltage Inputs (PNP Inputs)
Voltage Input Signal Levels
High level (Input ON):
4.5 to 30 VDC
Low level (Input OFF):
0 to 2 VDC
Maximum applicable voltage:
30 VDC max.
Input resistance:
Approx. 4.7 k
Ω
6
7
8
9
3
7
5
6
10
4
6
7
8
9
3
7
5
6
10
4
6
7
8
9
3
7
5
6
10
4
Sensor
H7CX-A
@
Operates when the transistor turns OFF.
H7CX-A11
@
Operates when the transistor turns ON.
Contact Input
Operates when the contact turns ON.
0 V
No-contact Input
(NPN Transistor)
No-contact Input
(PNP Transistor)
H7CX-A
@
H7CX-A11
@
0 V
Sensor
H7CX-A
@
H7CX-A11
@
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com