Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 28Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 29Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 30Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 31Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 32Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 33Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 34Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
C-118
Multifunction Preset Counter
H7CX (Tachometer Function)
I Operating Procedures (Tachometer Function)
Switching from Counter to Tachometer
Settings for Basic Operations
Easy Confirmation of Switch Settings Using Indicators
The ON/OFF status of the DIP switch pins can be
confirmed using the front display. For details, refer to page 124.
Note: 1. Be sure to set pin 1 of the DIP switch to ON. If it is set to OFF, the DIP switch settings will not be enabled.
2. Changes to DIP switch settings are enabled when the power is turned ON.
Power ON
Configuration selection mode
Run mode
+
MODE
1
Switch to
2cnt to taco (tachometer operation) using the
key.
The H7CX is factory-set to the 2-stage
counter (1-stage counter for H7CX-AU
@
models) configuration. To switch to the
tachometer configuration, use the
procedure shown on the right. For details,
refer to page 39.
Hold down for
1 s min. (See note.)
Note: The
key must be pressed before the
key.
MODE
1
1234567
8
Settings for basic functions can be performed with just the DIP switch.
Be sure to set pin 1 to ON.
Note: All of the pins are factory-set to OFF.
ON
OFF
Item
OFF
ON
1
DIP switch set-
tings enable/
disable
Disabled
Enabled
2
Counting speed 30 Hz
10 kHz
3
Tachometer out-
put mode
Refer to the table on the right.
4
5
Average pro-
cessing
Refer to the table on the right.
6
7
---
---
---
8
NPN/PNP input
mode
NPN
PNP
Pin 3
Pin 4
Tachometer output mode
OFF
OFF
Upper and lower limit
ON
OFF
Area
OFF
ON
Upper limit
ON
ON
Lower limit
Pin 5
Pin 6
Average processing
OFF
OFF
OFF (no average processing)
ON
OFF
2 times
OFF
ON
4 times
ON
ON
8 times
Advanced-Function Settings
After making DIP switch settings for basic operations, advanced-functions (see note) can be added using the operation keys.
For details, refer to page 34.
Note: Advanced functions consist of decimal point position, prescale value, auto-zero time, startup time, display color, output allo-
cation, and key protect level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com