Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 22Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 23Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 24Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 25Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 26Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 27Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 28Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 29Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
C-112
Multifunction Preset Counter
H7CX (Counter Function)
Input Modes and Present Value
Note: 1. If the configuration selection is set to dual counter, CP1 and
CP2 input will operate in the same way as the count input
(CP1) of UP (increment) mode.
2.
a must be greater than the minimum signal width and b
must be at least 1/2 the minimum signal width. If they are
less, a count error of
±1 may occur.
Minimum signal width: 16.7 ms (when maximum counting
speed = 30 Hz)
100
µs (when maximum counting
speed = 5 kHz)
3. The meaning of the H and L symbols in the tables is ex-
plained below.
UP (Increment) Mode
DOWN (Decrement) Mode
0
CP1
H
L
CP2
H
L
0
1
2
4
3
5
A
A
Prohibit
CP1: Count input; CP2: Prohibit (gate) input
Present
value
a must be greater than the minimum signal width. (See note 2.)
n
CP1
H
L
CP2
H
L
0
n
−1
n
−2
n
−4
n
−3
n
−5
A
A
Prohibit
a must be greater than the minimum signal width. (See note 2.)
CP1: Count input; CP2: Prohibit (gate) input
Present
value
0
CP1
H
L
CP2
H
L
0
1
2
4
3
5
A
A
Prohibit
a must be greater than the minimum signal width. (See note 2.)
CP1: Prohibit (gate) input; CP2: Count input
Present
value
n
CP1
H
L
CP2
H
L
0
n
−1
n
−2
n
−4
n
−3
n
−5
A
A
Prohibit
a must be greater than the minimum signal width. (See note 2.)
CP1: Prohibit (gate) input; CP2: Present value
Present
value
UP/DOWN A
Command Input Mode
UP/DOWN B
Individual Input Mode
UP/DOWN C
Quadrature Input Mode
0
CP1
H
L
CP2
H
L
0
1
2
2
2
1
3
3
A
A
a must be greater than the minimum signal width. (See note 2.)
Prese nt
val ue
0
CP1
H
L
CP2
H
L
0
1
22
2
11
33
Present
value
0
CP1
H
L
CP2
H
L
0
1
2
2
2
1
3
3
B B B B
b must be at least 1/2 the minimum signal width. (See note 2.)
Present
value
Input method
Symbol
No-voltage input
(NPN input)
Voltage input
(PNP input)
H
Short-circuit
4.5 to 30 VDC
L
Open
0 to 2 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com