Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 29Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 30Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 31Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 32Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 33Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 34Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Multifunction Preset Counter
H7CX (Tachometer Function)
C-119
Settings for Advanced Functions
Note: When using as a tachometer, switch to the tachometer configuration using the procedure given on page 124.
(30Hz)
(10kHz)
(99.9s)
(0.0s)
(99.9s)
(0.1s)
(99.999)
(1.000)
(0.001)
(KP-1)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
∼
∼
∼
∼
Set each setting item using the
keys.
(See note 2.)
(See note 1.)
3s min.
3s min.
Power ON
The characters displayed in reverse video are the initial values.
For details on operations in run mode, refer to page 37.
Settings that cannot be performed with the DIP switch are performed with the operation keys.
(HI-LO)
(LO-LO)
(AREA)
(HI-HI)
(Red)
(Green)
(Red-green) (Green-red)
Note: Displayed for H7CX-AU
@ models
Note: 1. If the mode is switched to the function setting mode during operation, operation will
continue.tion, operation will continue.
2. Changes made to settings in function setting mode are enabled for the first time when
the mode is changed to run mode. Also, whensettings are changed, the counter is re-
set (measured values initial-ized and output turned OFF) on returning to run mode.
When performing settings with operation keys only, set pin1 of the DIP switch to OFF (factory setting).
If pin 1 of the DIP switch is set to ON, the setting items indicated by
will not be displayed.
Tachometer
output
mode
Key protect
level
Output
allocation
Display
color
NPN/PNP
input mode
Startup
time
Auto-zero
time
Average
processing
Prescale
value
Decimal
point
position
Counting
speed
(No decimal
point)
(One digit
after decimal
point)
(Two digits
after decimal
point)
(Three digits
after decimal
point)
(No aver-
age pro-
cessing)
(Average
of 2 meas-
urements)
(Average
of 4 meas-
urements)
(Average
of 8 meas-
urements)
(NPN
input)
(PNP
input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com