Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 8Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 9Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 10Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 11Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 12Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 13Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 14Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 15Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
C-98
Multifunction Preset Counter
H7CX
Nomenclature
Reset Operation by Reset Key
1
2
3
4
5
6
9
10
1
2
3
4
5
6
9
10
8
7
11
12
8
7
11
13
14
A
B
C
D
E
F
G
H
I
J
K
L
M
N
Indicators
Operation Keys
Switches
Key Protection Indicator (Orange)
Set Value 1, 2 Stage Indicator
Front view of 4-digit model
Front view of 6-digit model
Down Keys: 1 to 4
Key Protect Switch
(Factory setting) OFF
ON
DIP Switch
Reset Indicator (Orange)
Lit when the reset input (1) or reset key
is ON.
Control Output Indicator (Orange)
OUT:
One stage
OUT1, OUT2: Two stages
Total Count Indicator
Lit when the total count value is
displayed.
Batch Indicator
Lit when the batch count value is
displayed.
Present Value (Main Display)
Character height: 11.5 mm (6-digit: 9mm)
Set Value (Sub-display)
Character height: 6 mm
Mode Key
Used to switch mode and setting items.
Reset Key
The operation of the reset function
depends on the configuration selected
as shown in the table below.
Up Keys: 1 to 4
(6-digit models: 1 to 6)
Configuration
Reset operation
1-stage/2-stage
counter
Resets the present value and outputs.
Total and preset
counter
• Resets the present value and outputs.
• When the total count value is displayed, resets
the present value, the total count value, and
outputs.
Batch counter
• Resets the present value and OUT2.
• When the batch count value is displayed,
resets the present value, the batch count
value, and outputs.
Dual counter
Resets the CP1 present value, CP2 present val-
ue, dual count value, and outputs.
Tachometer
Maintains the measured value and outputs (hold
function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com