Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 39Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 40Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 41Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 42Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 43Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Multifunction Preset Counter
H7CX
C-129
Settings for Tachometer Operation
Run Mode
Function Setting Mode
Parameter name
Parameter
Setting range
Default value
Unit
Set value
Measurement value
---
0
to 999999
0
---
---
Measurement
value, OUT1 set
value
Measurement
value
---
0
to 999999
0
---
---
OUT1 set value
---
0
to 999999
0
---
Measurement
value, OUT2 set
value
Measurement
value
---
0
to 999999
0
---
---
OUT2 set value
---
0
to 999999
0
---
Parameter name
Parameter
Setting range
Default value
Unit
Set value
Tachometer output
mode
totm
hold
/area/hihi/lolo
hilo
---
Counting speed
cnts
30h=
/10kh=
30h=
---
Decimal point position dp
------
/-----.-/----.--/---.---
------
---
Prescale value
pscl
0.001
to 99.999
1.000
---
Average processing
aUg
off
/2/4/8off
---
Auto-zero time
aut=
0.1
to 99.9
99.9
---
Startup time
stmr
0.0
to 99.9
0.0
s
NPN/PNP input mode
imod
npn
/pnp
npn
s
Display color
colr
red
/grn/r-g/g-r
red
---
Output allocation
otst
off
/on
off
---
Key protect level
kypt
kp-1
/kp-2/kp-3/kp-4/kp-5
kp-1
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com