Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 39Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 40Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 41Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 42Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 43Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Multifunction Preset Counter
H7CX
C-125
Additional Information
I Using the Operation Keys
Counter Operation
Note: 1. Perform settings using the
and
keys (
key only with 6-digit models).
2. The above flowcharts outline the procedures for all models. For more details on each model, refer to page 107.
1
+
1
+
Configuration selection mode
3 s min.
3 s min.
Configuration selection
DIP switch monitor
Input mode
Function setting mode
Counting stopped
Counting possible
Dual count calculating mode
Output mode
One-shot output time
One-shot output 2 time
One-shot output 1 time
Counting speed
Reset input signal width
Decimal point position
Prescale value
NPN/PNP input mode
Display color
Key protect level
Output allocation
1 s min.
1 s min.
Power ON
Run mode
1-stage counter
Present value, set value
2-stage counter
Present value, set value 1
Present value, set value 2
Total and preset counter
Present value, set value
Total count value
Batch counter
Present value, set value
Dual counter
Batch count value,
batch count set value
Dual count value,
dual count set value
CP1 present value,
CP2 present value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com