Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 39Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 40Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 41Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 42Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 43Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
C-126
Multifunction Preset Counter
H7CX
Tachometer Operation
Note: 1. All setting changes are performed using the
key.
2. For details, refer to page 118.
1
+
1
+
Power ON
Run mode
1 s min.
1 s min.
3 s min.
3 s min.
Measurement value
Tachometer output mode
Counting speed
Decimal point position
Prescale value
Average processing
Auto-zero time
Startup time
NPN/PNP input mode
Display color
Key protect level
Configuration selection mode
Configuration selection
DIP switch monitor
Counting stopped
Counting possible
Function setting mode
Output allocation
Measurement value,
OUT1 set value
Measurement value,
OUT2 set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com