Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 31Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 32Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 33Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 34Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Multifunction Preset Counter
H7CX (Tachometer Function)
C-121
Output Allocation (otst)
When using H7CX-AU
@ models as 2-stage counter, each output can
be flexibly allocated to either stage 1 or 2.
Transistor output placed for SV1 and contact output for SV2 or vice
verse, as in the following table.
H7CX-AU/-AUD1
H7CX-AUSD1
Key Protect Level (kypt)
Set the key protect level.
When the key-protect switch in set to ON, it is possible to prevent setting errors by prohibiting the use of certain operation keys by specifying the
key protect level (KP-1 to KP-5). The key protect indicator is lit while the key-protect switch is set to ON. Confirm the ON/OFF status of the key-
protect switch after the H7CX is mounted to the panel.
Note: Changing mode to configuration selection mode (
+
1 s min.) or function setting mode (
3 s min.).
OUT1
OUT2
off
Transistor (12-13)
Contact (3, 4, 5)
on
Contact (3, 4, 5)
Transistor (12-13)
OUT1
OUT2
off
Transistor (12-13)
Transistor with diode
(3, 4, 5)
on
Transistor with diode
(3, 4, 5)
Transistor (12-13)
ON
OFF
Note: Factory-set to OFF
Key protect indicator
(See note)
Level
Meaning
Details
Changing mode
(See note.)
Switching display
during operation
Reset key
Up/down key (Up key for
6-digit models)
KP-1 (default setting)
No
Yes
Yes
Yes
KP-2
No
Yes
No
Yes
KP-3
No
Yes
Yes
No
KP-4
No
Yes
No
No
KP-5
NoNoNoNo
MODE
1
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com