Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 25Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 26Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 27Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 28Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 29Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 30Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 31Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 32Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Multifunction Preset Counter
H7CX (Counter Function)
C-115
Note: 1. Counting cannot be performed during reset/reset 1 input.
2. If reset/reset 1 is input while one-shot output is ON, one-shot output turns OFF.
3. If there is power failure while output is ON, output will turn ON again when the power supply has recovered. For one-shot output, output
will turn ON again for the duration of the output time setting once the power supply has recovered.
4. Do not use the counter function in applications where the count may be completed (again) while one-shot output is ON.
Input mode
Operation after count
completion
UP/DOWN A, B, C
Output
mode
setting
K-2
The display continues to in-
crease/decrease until the over-
flow or underflow value is
reached. One-shot output only.
D
The display continues to in-
crease/decrease until the over-
flow or underflow value is
reached. The outputs are ON
while the count is equal.
L
The display continues to in-
crease/decrease until the over-
flow or underflow value is
reached.
OUT1 is held while the present
value is less than or equal to set
value 1. OUT2 is held while the
present value is greater than or
equal to set value 2.
H
The display continues to in-
crease/decrease until the over-
flow or underflow value is
reached.
OUT1 is held while the present
value is greater than or equal to
set value 1. OUT2 is held while
the present value is greater than
or equal to set value 2.
Note:
H mode is available only when
using a 6-digit model as a 2-
stage counter.
(The one-shot output time
can be set in the range 0.01
to 99.99s.)
Self-holding
output
Instantaneous
(equals) output
One-shot
output
0
999999
−99999
OUT1
OUT2
Reset/
reset 1
Set
value 2
Set
value 1
0
999999
−99999
OUT1
OUT2
Reset/
reset 1
Set
value 2
Set
value 1
0
999999
−99999
OUT1
OUT2
Reset/
reset 1
Set
value 2
Set
value 1
0
999999
−99999
OUT1
OUT2
Reset/
reset 1
Set
value 2
Set
value 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com