Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 10Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 11Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 12Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 13Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 14Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 15Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 16Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 17Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
C-100
Multifunction Preset Counter
H7CX
I Dimensions with Flush Mounting Adapter
I Dimensions with Front Connecting Socket
Note: These dimensions vary with the kind of DIN track (reference value).
58
48
98.5
7.5
(51)
58
48
7.5
(51)
62.5
58
48
7.5
(51)
98.7
A
45
+0.6
−0
45
+0.6
−0
0
A = (48n
− 2.5)+1
Panel Cutouts
60 min.
60 min.
15 min.
n side by side mounting
Panel
Panel
Panel
Y92F-30 (provided)
Flush Mounting Adapter
Y92S-29 (provided)
Waterproof Packing
• H7CX-A
• H7CX-AS
• H7CX-A4
• H7CX-A4S
• H7CX-AW
• H7CX-AWS
• H7CX-A4W
• H7CX-AWD1
• H7CX-AWSD1
• H7CX-AU
• H7CX-AUD1
• H7CX-AUSD1
• H7CX-AD
• H7CX-ASD
• H7CX-A4D
• H7CX-A4SD
• H7CX-AWSD
• H7CX-A4WSD
Flush Mounting Adapter
• H7CX-A11
• H7CX-A11S
• H7CX-A11D1
• H7CX-A11SD1
• H7CX-A114
• H7CX-A114S
• H7CX-A114D1
Y92S-29 (order separately)
Waterproof Packing
Y92F-30 (order separately)
Flush Mounting Adapter
P3GA-11
(order separately)
Back Connecting
Socket
Panel cutouts are as
shown below.
(according to DIN43700).
Note: 1. The mounting panel thickness
should be 1 to 5 mm.
2. To allow easier operability, it is
recommended that Adapters are
mounted so that the gap between
sides with hooks is at least 15 mm
(i.e., so that the panel cutout interval
is at least 60 mm).
3. It is possible to mount counters
side by side, but only in the
direction without the hooks.
If they are mounted side-by-side,
water-resistant specifications
cannot be ensured.
0
With Y92A-48F1 attached.
A = {48n
−2.5 + (n−1) x 4}+1
0
With Y92A-48 attached.
A = (51n
−5.5)+1
11-pin Socket Models
(Adapter and Waterproof Packing Ordered Separately)
Screw-terminal Models without External Power Supplies
(Provided with Adapter and Waterproof Packing)
Screw-terminal Models with External Power Supplies
(Provided with Adapter and Waterproof Packing)
Y92S-29 (provided)
Waterproof Packing
112
109.7
P2CF-11
H7CX
-A11
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com