Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 16Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 17Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 18Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 19Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 20Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 21Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 22Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 23Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
C-106
Multifunction Preset Counter
H7CX
Operating Procedures
I Setting Procedure Guide
Setting for Counter Operation
(1-stage/2-stage Counter, Total and Preset Counter, Batch Counter, Dual Counter)
Note: 1. At the time of delivery, the H7CX is set to the 1-stage counter (2-stage counter for H7CX-AW
@/-A4W@ models) configuration.
2. Set to output 2 time when using as a 2-stage counter or batch counter.
Setting for Tachometer Operation
Note: At the time of delivery, the H7CX is set to the 2-stage counter (1-stage counter for H7CX-AU
@ models) configuration.
1234567
8
➡
➡
➡
OFF
ON
When Using Basic Settings Only
When Using Settings Other than the Above
When Using Advanced Functions
Other Settings
Advanced Functions
• Counting speed (30 Hz, 5 kHz)
• Input mode (UP, DOWN)
• Output mode (N, F, C, K-1)
• One-shot output time (0.5 s, 0.05 s)(See note 2.)
• Reset input signal width (20 ms, 1 ms)
• NPN/PNP input mode (NPN, PNP)
Basic Settings
The settings can be performed easily with the DIP switch.
For details on the setting methods, refer to page 21.
All the functions can be set with the operation keys.
For details on the setting methods, refer to page 22.
• Input mode (UP/DOWN A, UP/DOWN B, UP/DOWN C)
• Output mode (R, P, Q, A, K-2, D, L, H)
• One-shot output time (except for 0.5 s and 0.05 s) (See note 2.)
Settings for advanced functions other than the basic
settings above can be performed with the operation keys.
For details on the setting methods, refer to page 22.
• Dual count calculating mode
• Output 1 time (for 2-stage counter)
• Decimal point position
• Prescale value
• Display color
• Output allocation
• Key protect level
12345678
➡
➡
OFF
ON
When Using Basic Settings Only
When Using Advanced Functions
Advanced Functions
• Counting speed (30 Hz, 10 kHz)
• Output mode (HI-LO, AREA, HI-HI, LO-LO)
• Average processing (OFF, 2, 4, 8 times)
• NPN/PNP input mode (NPN, PNP)
Basic Settings
The settings can be performed easily with the DIP switch.
For details on the setting methods, refer to page 33.
Settings for advanced functions other than the basic
settings above can be performed with the operation keys.
For details on the setting methods, refer to page 34.
• Decimal point position
• Prescale value
• Auto-zero time
• Startup time
• Display color
• Output allocation
• Key protect level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com