Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 2Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 3Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 4Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 5Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 6Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 7Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 8Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 9Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
C-92
Multifunction Preset Counter
H7CX
I Life-test Curve (Reference Values)
Resistive Load
Inductive Load
Reference: A current of 0.15 A max. can be switched at 125 VDC (cos
φ=1) and current of 0.1 A max. can be switched if L/R=7 ms. In both cases,
a life of 100,000 operations can be expected. The minimum applicable load is 10 mA at 5 VDC (failure level: P).
I Inrush Current (Reference Values)
1,000
700
500
300
100
70
50
01
2
3
4
250 VAC (cos
φ=1)
Load current (A)
30 VDC (cos
φ=1)
1,000
700
500
300
100
70
50
01
2
3
4
250 VAC cos
φ=0.4
Load current (A)
30 VDC (L/R=7 ms)
Model
Voltage
Applied voltage Inrush current (peak value)
Time
H7CX-A11/-AW
100 to 240 VAC
264 VAC
5.8 A
0.7 ms
H7CX-A11D1/-AWD1 24 VAC/12 to 24 VDC 26.4 VAC
10.4 A
1.2 ms
H7CX-AD
12 to 24 VDC
26.4 VDC
6.0 A
1.2 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com