Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 18Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 19Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 20Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 21Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 22Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 23Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 24Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 25Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
C-108
Multifunction Preset Counter
H7CX (Counter Function)
Settings for All Functions
Note: At the time of delivery, the H7CX is set to the 1-stage counter (2-stage counter for H7CX-AW
@/-A4W@ models) configuration. When using
as a 2-stage (or 1-stage) counter, total and preset counter, batch counter, or dual counter, switch to the configuration using the procedure
given on page 124.
(1ms)
(20ms)
(30Hz)
(5kHz)
(N)
(0.50s) (99.99s)
(0.01s)
(0.50s) (99.99s)
(0.01s)
(0.01s) (99.99s)
(F)
(C)
(R)
(K-1)
(P)
(Q)
(A)
(K-2)
(D)
(L)
(H)
(KP-1)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
(99.999)
[9.999]
(1.000)
(0.001)
(0.50s)
(99.99s)
(0.01s)
∼
∼
The characters displayed in reverse video are the default settings.
Power ON
Note 4: Displayed for output modes other than K-2, D, L, and H only.
Input mode
Output mode
Display color
See note 1.
See note 2.
For details on operations in run mode, refer to page 25.
3 s min.
3 s min.
When using as a 2-stage counter:
(Addition) (Subtraction)
(Outputs held)
See note 7.
See note 3.
See note 6.
See note 5.
See note 4.
See note.
See note 4.
See note 5.
See note 5.
See note 5.
Note: Displayed for terminal-block models (except H7CX-A11
@) only.
(Red)
(Green)
(Red-green) (Green-red)
Settings that cannot be performed with the DIP switch are performed with the operation keys.
When using as a dual counter:
Note 3:
Note 6:
See note 7.
Note: Displayed for H7CX-AU
@ models only.
Note: 1. If the mode is switched to the function setting mode during operation, operation will con-
tinue.
2. Changes made to settings in function setting mode are enabled for the first time when the
mode is changed to run mode. Also, when settings are changed, the counter is reset
(present value initialized and output turned OFF) on returning to run mode.
When performing settings with operation keys only, set pin1 of the DIP switch to OFF (factory setting).
If pin 1 of the DIP switch is set to ON, the setting items indicated by
will not be displayed.
Key protect
level
Output
allocation
NPN/PNP
input mode
Prescale
value
Decimal
point
position
Reset input
signal
width
Counting
speed
One-shot
output
time
(UP)
(DOWN) (UP/DOWN A) (UP/DOWN B) (UP/DOWN C)
Dual count
calculating mode
Note: Displayed for output modes
other than K-2, D, L, and H
only.
Note: 5. Display only when the input mode is UP/DOWN A, B,
or C with 6-digit models (with H7CX-AU
@/-AW@
models only for H).
One-
shot
output
2 time
One-
shot
output
1 time
One-
shot
output
2 time
Note: Displayed only when the output mode is C, R, K-1, P,
Q, A, or K-2.
Note: Displayed only when the
output mode is C, R, K-1,
P, Q, A, or K-2.
If the output time is 0.00, hold is
displayed.
Note 1: Displayed for output modes
other than D, L, and H.
Note 2: HOLD cannot be set when the
output mode is K-2.
Note: Displayed only when the output
mode is C, R, K-1, P, Q, A, or K-2.
When using as a
batch counter:
No decimal
point
One digit after
decimal point
Two digits after
decimal point
Three digits after
decimal point
Note 7: The displays for 4-digit models are shown inside
parentheses.
(NPN
input)
(PNP
input)
Set each setting item using the
keys. (
key only for 6-digit models)
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com