Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 39Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 40Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 41Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 42Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 43Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
C-128
Multifunction Preset Counter
H7CX
• Dual Counter
Note: 1. The input mode is increment/decrement mode and the output mode is K-2, D, L, or H.
2. The dual count calculating mode is subtraction mode and the output mode is K-2, D, L, or H.
Function Setting Mode
Note: 1. The setting range varies with the output mode.
2. The setting range varies with the model and the input mode.
3. HOLD cannot be set when the output mode is K-2.
Parameter name
Parameter
Setting range
Default value
Unit
Set value
Dual count
value, dual count
set value
Dual count value ---
-99999
to 999999
(-999 to 9999)
0
---
---
Dual count set
value
---
0
to 999999
(0 to 9999) (For conditions other
than those described in note 2.)
0
---
-99999
to 999999
(-999 to 9999)
(See note 2.)
CP1 present
value, CP2
present value
CP1 present
value
---
0
to 999999
(0 to 9999)
0
---
---
CP2 present
value
---
0
to 999999
(0 to 9999)
0
---
---
Parameter name
Parameter
Setting range
Default value
Unit
Set value
Input mode
cntm
up
/down/ud-a/ud-b/ud-c (See note 1.)
up
---
Dual count calculating
mode
caln
add
/sub (See note 1.)
add
---
Output mode
outm
n
/f/c/r/k-1/p/q/a/k-2/d/l/h (See note 2.)
n
---
One-shot output time
otim
0.01
to 99.99
0.50
s
One-shot output 2 time
otm2
0.01
to 99.99
0.50
s
One-shot output 1 time
otm1
hold
/0.01 to 99.99 (See note 3.)
hold
s
Counting speed
cnts
30h=
/skh=
30h=
---
Reset input signal width
iflt
20ms
/1ms
20ms
---
Decimal point position
dp
------
/-----.-/----.--/---.---
(----/---.-/--.--/-.---)
------
(----)
Prescale value
pscl
0.001
to 99.999 (0.001 to 9.999)
1.000
---
NPN/PNP input mode
imod
npn
/pnp
npn
---
Display color
colr
red
/grn/r-g/g-r
red
---
Output allocation
otst
off
/on
off
---
Key protect level
kypt
kp-1
/kp-2/kp-3/kp-4/kp-5
kp-1
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com