Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-ASD Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # H7CX-ASD
Description  Multifunction Preset Counter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-ASD Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button H7CX-ASD Datasheet HTML 34Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 35Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 36Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 37Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 38Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 39Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 40Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 41Page - Omron Electronics LLC H7CX-ASD Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
C-124
Multifunction Preset Counter
H7CX
I Operation in Configuration Selection Mode
Select which H7CX configuration is used (i.e., 1-stage counter, 2-stage counter, total and preset counter, batch counter, dual counter, or tachom-
eter) in configuration selection mode. The H7CX is also equipped with a DIP switch monitor function, a convenient function that enables the settings
of the DIP switch pins to be confirmed using the front display.
Note: 1. When the mode is changed to configuration selection mode, the present value is reset, outputs turns OFF, and counting (measuring)
stops.
2. Setting changes made in configuration selection mode are enabled when the mode is changed to run mode. If the configuration is
changed, the set value (or set value 1 and set value 2), OUT1 set value or OUT2 set value are initialized.
1
+
12345678
1
1
Indicates that DIP switch pin 8 is ON.
Indicates that DIP switch pin 7 is OFF.
Indicates that DIP switch pin 6 is ON.
Indicates that DIP switch pin 5 is OFF.
Indicates that DIP switch pin 4 is ON.
Indicates that DIP switch pin 3 is OFF.
Indicates that DIP switch pin 2 is ON.
Indicates that DIP switch pin 1 is ON.
Example
The configuration that can be selected depend on the model.
Counting stopped
Counting possible
Power ON
1 s min.
(See note 2.)
(See note 1.)
1
1
To change the mode to configuration selection mode, press
the
Key for 1 s min. with the
key held down. The
mode will not change if the
key is pressed first.
Select the configuration using the
keys. (
key only for 6-
digit models)
The H7CX is factory-set to the 1-stage counter configuration (2-stage
counter configuration with H7CX-AW
@/-A4W@ models).
Configuration
selection
DIP switch
monitor
(1-stage counter) (2-stage counter)
(Dual counter)
(Batch counter)
(Tachometer)
(Total and
preset counter)
The status of the DIP switch pins (1 to 8) can be confirmed using the
keys.
Note: This display is possible only if DIP switch pin 1 (DIP switch set-
tings) is set to ON (i.e., enabled).
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com