Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics L9301 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
DS11400 Rev 9
45/54
L9301
SPI
53
CR14 (0x0E)
MCU controlled comparator test and clock check
register
SR0 (0x10)
General device status register
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
1
(R/W)
[19:2] RESERVED: Reserved
[1] dr_s_chk
0 = normal
1 = invert hv/lv and OC comparator input
used in MCU controlled comparator test
[0] clkch_en
0 = disable clock check block
1 = enable clock check block
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
[19:9] RESERVED: Reserved
[8] clkbad
0 = main clock and diagnosis clock frequency deviation within 25%
1 = main clock and diagnosis clock frequency deviation over 25%
[7] RESERVE: Reserve
[6] gf
0 = no fault in all the channels
1 = logic OR combination of bit 1/2/3/4/5/6/8 of all the Driver status register
[5] cpl
0 = no charge pump low
1 = charge pump low
[4] got
0 = no over temperature
1 = logic OR combination of bit 0 of all the Driver status register
[3] vdduv
0 = no VDD under voltage
1 = VDD under voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com