Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 39Page - STMicroelectronics L9301 Datasheet HTML 40Page - STMicroelectronics L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
DS11400 Rev 9
43/54
L9301
SPI
53
CR1-CR12 (0x01-0x0C)
Device configuration register
[3] vbuv_conf
0 = no auto shut driver when vbuv
1 = auto shut driver when vbuv
[2] vbov_conf
0 = no auto shut driver when vbov
1 = auto shut driver when vbov
[1:0] output_conf (1)
1. Output_conf bits can only be modified when EN pin is logic 0
output_conf[1]
output_conf[0]
Configuration
0
0
1
0
1
2
1
0
3
1
1
4
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
[19:8] RESERVED: Reserved
[7] pwm_en
0 = driver is disabled
1 = driver is enabled
available only in LS4-1 and HS4-1
[6] dis_diagoff
0 = enable OFF diagnosis
1 = disable OFF diagnosis
[5] dis_source
0 = enable OFF diagnosis pull up current
1 = disable OFF diagnosis pull up current
[4] dloss_act
0 = disable the dloss signal diagnosis
1 = enable the dloss signal diagnosis
[3] diagoff_blank_sel
0 = long blanking time
1 = short blanking time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com