Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 40Page - STMicroelectronics L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
SPI
L9301
44/54
DS11400 Rev 9
CR13 (0x0D)
Driver command register
[2] oc_restart
0 = restart the channel only after clearing the fault bit
1 = restart the channel without clearing the fault bit
[1] oc_thres
0 = normal over current threshold
1 = enable double over current threshold
[0] slew_rate
0 = slew rate is low
1 = slew rate is high
Note: Address 0x01 is for LS1, 0x02 is for LS2… 0x09 is for HS1, 0x0A is for HS2 and so on.
pwm_en is only available in 0x01-0x04, 0x09-0x0C.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
0
(R/W)
[19:12] RESERVED: Reserved
[11] cmd12
Command HS4 (no effect in Config 1)
[10] cmd11
Command HS3 (no effect in Config 1)
[9] cmd10
Command HS2 (no effect in Config 1)
[8] cmd9
Command HS1 (no effect in Config 1)
[7] cmd8
Command OUT8
[6] cmd7
Command OUT7
[5] cmd6
Command OUT6
[4] cmd5
Command OUT5
[3] cmd4
Command OUT4 (in Configuration1 controls DRN/SRC3 DRN/SRC4)
[2] cmd3
Command OUT3 (in Configuration1 controls DRN/SRC1 DRN/SRC2)
[1] cmd2
Command OUT2 (in Configuration1 controls OUT3/OUT4)
[0] cmd1
Command OUT1 (in Configuration1 controls OUT1/OUT2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com