Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics L9301 Datasheet HTML 37Page - STMicroelectronics L9301 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Low side driver
L9301
34/54
DS11400 Rev 9
9.4
Combined diagnosis (configuration 1, 2 & 3)
In configuration 1, there are four couples of drivers in parallel to get four channels with lower
RdsON: OUT1 with OUT2, OUT3 with OUT4, DRN1 with DRN2, and DRN3 with DRN4. For
each couple, only one driver off diagnosis is enabled (OUT1, OUT3, DRN1, DRN3) while
the off diagnosis results are stored in both drivers registers. The other diagnosis of the two
drivers in parallel, as over-current, over-temperature and DLOSS, are both enabled.
The correct effect of the diagnosis can be guaranteed only if the drivers are correctly
parallelized externally.
In configuration 2 the off diagnosis is enabled for OUT1-4 only. Considering that the
diagnosis blanking time can be longer than the off time of PWM, the diagnosis results can
be affected. The short to GND fault can be detected by the HS OC fault when it is switched
on. The Open Load Fault can be detected when PWM is disabled (PWM disable SPI bit = 1)
only because in such a condition both HS and LS are OFF. In this condition the OUTx is
pulled down by LS off diagnosis pull down current (typical 70 µA) and it's necessary to wait
the time needed to discharge OUTx to get Open Load (OL) detection. The time to be
considered starts from the PWM disable bit writing.
OUT1-8
VOUTOPEN_LS
Open load output
voltage
Open load
condition
2,3
2.5
2,7
V
VTGND_LS
Output short-circuit
to GND voltage
threshold
-
1.9
-
2.3
V
IOUT_PD_LS
Output diagnostic
pull- down current @
OFF STATE
OUTx = 5 V
40
70
100
µA
IOUT_PU_LS
Output diagnostic
pull-up current @
OFF STATE
OUTx=1.5 V
50
75
100
µA
-
Minimum OFF time
for correct diagnostic
(Blank time 0)
Application note
(ESD cap < 12
nF, Bit_blank = 0)
980
-
-
µs
-
Minimum OFF time
for correct diagnostic
(Blank time 1)
Application note
(ESD cap < 6 nF,
Bit_blank = 1)
530
-
-
µs
Table 24. Electrical characteristics related to diagnosis (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com