Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics L9301 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
DS11400 Rev 9
33/54
L9301
Low side driver
53
OUT1-8
TOver_temperature_blanking
Over temperature
blanking time
Tested by scan
1
-
1.5
µs
TOver_temperature_filter
Over temperature
filter time
Tested by scan
2
-
5
µs
Ropen_load_LS
Min. resistor value
open load detection Not tested
50
-
-
kΩ
IMAX_LS
Output current
Not tested
-
2.2
-
A
IOVC1_OUT1-4
Over current
threshold1 OUT1-4
-
1
2
3
A
IOVC2_ OUT1-4
Over current
threshold2 OUT1-4
-
3
4
5
A
IOVC1_OUT5-8
Over current
threshold1 OUT5-8
-
2
4
6
A
IOVC2_ OUT5-8
Over current
threshold2 OUT5-8
-
6
8
10
A
TFLT_OVC_LS
Over current filtering
time
Tested by scan
3
-
5
µs
TFLT_diagoff_LS
Filtering open load
and short to GND
diag. off
Tested by scan
55
-
80
µs
Td_blank0_LS
Diagnosis blanking
time after switch-off Tested by scan
600
-
900
µs
Td_blank1_LS
Diagnosis blanking
time after switch-off Tested by scan
300
-
450
µs
VTOPEN_LS
Open load threshold
voltage
-
2.7
-
3.1
V
Table 24. Electrical characteristics related to diagnosis (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com