Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 37Page - STMicroelectronics L9301 Datasheet HTML 38Page - STMicroelectronics L9301 Datasheet HTML 39Page - STMicroelectronics L9301 Datasheet HTML 40Page - STMicroelectronics L9301 Datasheet HTML 41Page - STMicroelectronics L9301 Datasheet HTML 42Page - STMicroelectronics L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
DS11400 Rev 9
41/54
L9301
SPI
53
13.3
SPI frame
MOSI
W/R
1 = Write
0 = Read
ADD
Address
RES
Reserved
DATA
Data
CRC
CRC: Polynomial is x3+x2+x+1
MISO
SPIErr[2]
SPI Short Frame: a less-than-32bit SPI frame was received
SPIErr[1]
SPI Long Frame: a more-than-32bit SPI frame was received
SPIErr[0]
SPI CRC Error: SPI CRC checksum error
CHExcp[5]
gf: bit 6 of General device diagnostic register
CHExcp[4]
got: bit 4 of General device diagnostic register
CHExcp[3]
vdduv: bit 3 of General device diagnostic register
CHExcp[2]
vddov: bit 2 of General device diagnostic register
CHExcp[1]
vbuv: bit 1 of General device diagnostic register
CHExcp[0]
vbov: bit 0 of General device diagnostic register
DATA
Data
CRC
CRC: Polynomial is x3+x2+x+1
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
W/R
ADD
RES
DATA[19..13]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DATA[12..0]
CRC[2..0]
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SPIErr[2..0]
CHExcp[5..0]
DATA[19..13]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DATA[12..0]
CRC[2..0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com