Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Low side driver
L9301
28/54
DS11400 Rev 9
is still in temperature shut down condition (t_sd_x = 1), clears the t_sdl_x and tries to turn on
the output, the actuation is not performed and the t_sdl_x will be set again. To avoid these
multiple interrupts the microcontroller can poll the t_sd_x bit and enable the next actuation
only when the bit is zero.
To re-switch on the channel after thermal shut down, the SPI needed to switch off the
channel is required.
9.3.2
Overcurrent protection
An overcurrent protection is present for each driver OUT1-8 and DRN/SRC1...4. The
overcurrent threshold is selectable through oc_thres_x (where x indicates the channel). In
case of overcurrent the output driver is turned off and a dedicated diagnostic bit is set oc_x
where x indicates the channel where the fault occurred.
If bit oc_restart = 0, to restart the channel the microcontroller has to clear the fault bit (writing
0 in the corresponding SPI flag), and to write to 1 the SPI command bit or to provide a rising
edge on the parallel input command.
If bit oc_restart = 1, the restart function is activated. The slew rate of the channel in fault
condition is automatically set to the higher value to limit dissipation issue then to restart the
channel the microcontroller has to write to 1 the SPI command bit or to provide a rising edge
on the parallel input command.
The diagnostic bit oc_x can be cleared only by writing it to 0 in the corresponding driver
status register by SPI however the channel can be restarted as described above.
9.3.3
Output status
During the ON phase, the output voltage is compared with the VTopen threshold voltage in
order to verify if the output status is aligned with the ON command:
in case of low side usage if the DRNx voltage is above the VTopen threshold a
dedicated bit (SRx: bit 8 os) is set to indicate the anomaly
in case of high side usage if the SRCx voltage is below the VTopen threshold a
dedicated bit is (SRx: bit 8 os) set to indicate the anomaly
if OUTx voltage is above VTopen threshold a dedicated bit (SRx: bit 8 os) is set to
indicate the anomaly
9.3.4
Charge Pump (CP)
The charge pump is enabled when the selected configuration includes high side drivers (like
configuration 2, 3, 4). In configuration 1 the charge pump is internally shorted to VB.
On the CP pin it's required to connect a 100 nF capacitor toward the VB line.
The charge pump is ON if VB > UV threshold & VDD > UV threshold
The charge pump is OFF if VB< UV threshold or VDD< UV threshold. The CP voltage is
equal to VB-Vbe.
When the CP is ON, the low CP diagnosis is enabled. When any HS is switched on but CP
voltage is not high enough to switch on HS, low CP fault is detected and stored in cpl SPI
flag. In order to reset the flag a 0 has to be written by microcontroller. A SPI bit allows
configuring the actions to be taken in case of low CP fault.
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com