Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Low side driver
L9301
32/54
DS11400 Rev 9
DRN1-4
SRC1-4
VOUTOPEN_HLS
Open load output
voltage
HS and LS
configuration
Open load
condition
2,3
-
2,7
V
VTVBAT_HS
Output short-circuit
to VB voltage
threshold (HS
configuration)
HS configuration
2.7
-
3.1
V
VTGND_LS
Output short-circuit
to GND voltage
threshold (LS
configuration)
LS configuration
1.9
-
2.3
V
IOUT_PD_HLS
Output diagnostic
pull- down current @
OFF STATE
HS configuration
DRNx =13.5V
SRCx =5V
210
245
300
µA
LS configuration
DRNx =5V
SRCx =0V
40
70
100
µA
IOUT_PU_HLS
Output diagnostic
pull-up current @
OFF STATE
HS configuration
DRNx =13.5V
SRCx =1.5V
40
70
100
µA
LS configuration
DRNx =1.5V
SRCx =0V
50
75
100
µA
-
Minimum OFF time
for correct diagnostic
(Blank time 0)
Application note
NOT TESTED
(ESD cap < 12nF,
Bit_blank=0)
-
1380
-
µs
-
Minimum OFF time
for correct diagnostic
(Blank time 1)
Application note
NOT TESTED
(ESD cap < 6nF,
Bit_blank=1)
-
730
-
µs
Table 24. Electrical characteristics related to diagnosis (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com