Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 1 Page - STMicroelectronics

  L9301 Datasheet HTML 1Page - STMicroelectronics L9301 Datasheet HTML 2Page - STMicroelectronics L9301 Datasheet HTML 3Page - STMicroelectronics L9301 Datasheet HTML 4Page - STMicroelectronics L9301 Datasheet HTML 5Page - STMicroelectronics L9301 Datasheet HTML 6Page - STMicroelectronics L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
This is information on a product in full production.
September 2025
DS11400 Rev 9
1/54
L9301
Automotive octal low side driver or quad low side plus quad high
side driver
Datasheet
- production data
Features
AEC-Q100 qualified
Eight integrated PowerMOS configurable as:
– 8 low side ON-OFF with RON(max) = 0.3 Ω
@ Tj = 175 °C
– High/low side PWM with RON(max) = 0.6 Ω
@ Tj = 175 °C and 4 Low side with
RON(max) = 0.3 Ω @ Tj = 175 °C
Operating battery supply voltage 5 V to 18 V
Operating Vdd supply voltage 4.75 V to 5.25 V
Logic inputs TTL/CMOS-compatible
Output voltage clamping 37 V typ. in low-side
configuration
SPI interface for outputs control and for
diagnosis data communication
Additional PWM inputs for 8 outputs
Over temperature protection
Open load, short to GND, short to VB
Overcurrent diagnostics in latched or unlatched
mode for each channel
Controlled SR for improved EMC behavior
Description
The L9301 is a SPI (Serial Peripheral Interface)
controlled octal channel with 4 high/low and 4 low
side drivers with the possibility to use four
integrated PowerMOS as recirculation diodes for
PWM load driving.
L9301 contains 12 PowerMOS: 4 configurable
High/Low side drivers with Ronmax = 0.6 Ω
(DRN1-4, SRC1-4), 4 low side drivers with
Ronmax = 0.6 Ω (OUT1-4) and 4 low side drivers
with Ronmax = 0.3 Ω (OUT5-8).
The power DRN/SRC1-4 and OUT1-4 can be
connected in parallel outside the device in order
to get 4 low-side drivers with Ronmax = 0.3 Ω:
DRN1//DRN2, DRN3//DRN4, OUT1//OUT2,
OUT3//OUT4.
In this way there is a total of 8 LS channels for
ON-OFF mode with Ronmax = 0.3 Ω.
There is also the possibility to connect the OUT1-
4 and OUT5-8 in order to drive in PWM mode a
load connected to VB or GND without the
necessity of a freewheeling diode. In this case the
Ronmax = 0.6 Ω.
The above configuration can be driven by parallel
input or SPI command.
Through the SPI it is possible to configure the
device parameters like configuration, Slew-rate,
Overcurrent threshold, to send the drivers
commands and to read back the diagnosis
results.
.
GAPGPS00337
PowerSSO36
Table 1. Device summary
Order code
Package
Packing
L9301-TR
PowerSSO36
(Exp. pad opt.B)
Tape & Reel
www.st.com


Similar Part No. - L9301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
L9301-TR STMICROELECTRONICS-L9301-TR Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results

Similar Description - L9301

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
Automotive Quad Low Side Driver
logo
STMicroelectronics
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com