Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
DS11400 Rev 9
11/54
L9301
Supply pins
53
4
Supply pins
4.1
VDD
An external +5.0 ±0.25 VDC supply provided from an external source is the primary power
source to the L9301. This supply is used as the power source for all of its internal logic
circuitry and other miscellaneous functions.
The VDD is monitored for under and over voltage and a dedicated SPI flag of each event is
set to report those conditions. Once the fault flag is asserted it will be latched until a clear
operation, writing 0, is performed. The device behavior in case of VDD fault detection can
be defined using the proper configuration bit (CR0: vdduv_conf, vddov_conf) that allows to
choose if the OUT must be disabled or not.
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
4.2
VB
This input is the supply for the on board charge pump and it shall be connected to protect
battery line. In case of high-side configuration, to get the specified Ron value this pin must
be connected to the same VB where the loads are connected. If it is present an additional
voltage drop between the two VB, the Rdson of that given output will be higher than the
specified maximum.
The VB is monitored for under and over voltage and a dedicated SPI flag of each event is
set to report those conditions. Once the fault flag is asserted it will be latched until a clear
operation, writing 0, is performed. The device behavior in case of VB fault detection can be
defined using the proper configuration bit that allows to choose if the OUT must be disabled
or not.
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
Table 8. VDD
Pin
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VDD
VDD_UV
VDD undervoltage
detection threshold
VDD decreasing
4.5
-
4.7
V
VDD_uv_filt
VDD undervoltage filter
time for output disable Tested by scan
90
-
145
µs
VDD_OV
VDD overvoltage
detection threshold
VDD increasing
5.25
-
5.5
V
VDD_ov_filt
VDD overvoltage filter
time for output disable Tested by scan
90
-
145
µs
VDD_Istby
VDD standby current
consumption
VDD = 5.25 V
EN = 0; RES = 0
-
-
7.5
mA
VDD_Ibias
VDD current
consumption
VDD = 5.25 V
EN = 1; RES = 1
-
-
13.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com