Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 43Page - STMicroelectronics L9301 Datasheet HTML 44Page - STMicroelectronics L9301 Datasheet HTML 45Page - STMicroelectronics L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics L9301 Datasheet HTML 49Page - STMicroelectronics L9301 Datasheet HTML 50Page - STMicroelectronics L9301 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
DS11400 Rev 9
47/54
L9301
SPI
53
SR13 (0x1D)
IC version register
SR14 (0x1E)
Bist status register
[2] oc: over current
0 = no over current
1 = over current
[1] t_sdl
0 = no over temperature
1 = over temperature
[0] t_sd
0 = no over temperature occurring
1 = over temperature occurring (live bit)
Note: address 0x11 is for LS1, 0x12 is for LS2… 0x19 is for HS1, 0x1A is for HS2 and so
on.
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVE
silicon version
0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R)
[19:6] RESERVE: Reserve
[5:0] silicon version: silicon version (AB=100010)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVE
0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R) 0 (R)
[19:3] RESERVE: Reserve
[2] lbist run
0 = bist is not currently running
1 = bist is currently running
[1] lbist end
0 = bist unfinished yet
1 = bist finished
[0] lbist pass
0 = bist is not finished yet or finished with error
1 = bist finished without error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com