Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
DS11400 Rev 9
15/54
L9301
Configuration
53
6
Configuration
The selected configuration can be configured by SPI, there are 2 bits dedicated to
configuration selection:
The configuration is enabled only when EN pin is logic 0.
In configuration 4, the output DRN/SRC1-4 can be controlled by SPI only; for those outputs
the selection between high side and low side configuration can be done through the
dedicated bit (bit8 of Device general configuration register).
Table 13. Configuration
Bit1 Bit0 Configuration
Input → Output
Description
0
0
1
IN1-4 → DRN1-4, OUT1-4 (paralleled)
IN5-8 → OUT5-8
8 low side channels with Rdson = 0.3 Ω
0
1
2
IN1-4 → OUT1-4
IN5-8 → OUT5-8
4 low side channels with Rdson = 0.6 Ω
4 low side channels with Rdson = 0.3 Ω
1
0
3
IN1-4 → SRC1-4,
IN5-8 → OUT5-8
4 high side channels with Rdson = 0.6 Ω
4 low side channels with Rdson = 0.3 Ω
1
1
4
IN1-4 → OUT1-4,
IN5-8 → OUT5-8,
SPI → DRN/SRC1-4
4 low side channels with Rdson = 0.6 Ω
4 low side channels with Rdson = 0.3 Ω
4 low/high side ch. with Rdson = 0.6 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com