Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
DS11400 Rev 9
29/54
L9301
Low side driver
53
9.3.5
DLOSS
When the L9301 is configured with low side and external diodes are used for freewheeling,
there is the possibility through a dedicated SPI bit to enable the ‘diode loss’ diagnosis that is
used to detect if the external diode is no more connected checking if during the OFF phase
the internal clamp is activated. In case of fault is stored in DLOSS SPI flag. In order to reset
the flag a 0 has to be written by microcontroller. Another SPI bit allows configuring the
actions to be taken in case of DLOSS fault.
When the L9301 is configured as high side and internal/external diodes are used for
freewheeling, there is the possibility through a dedicated SPI bit to enable the ‘diode loss’
diagnosis that is used to detect if the diode is no more connected checking if during the OFF
phase the HS is forced to switch on. In case of fault is stored in DLOSS SPI flag. In order to
reset the flag a 0 has to be written by microcontroller. Another SPI bit allows configuring the
actions to be taken in case of DLOSS fault.
In addition, diode loss on LS (including configurable channels configured as LS) is only
detected when VBOV is not present.
9.3.6
OFF state diagnostic
The device provides the off-state diagnostic for each channel.
In low-side configuration the short to ground and open load faults can be detected. The fault
is reported in a SPI register. The pull-up current on the single channel can be disabled using
the dis_source bit in registers CR1-CR12. The OFF diagnostic can be disabled using the
dis_diag_off bit in registers CR1-CR12.
Figure 10. LS configuration diagnostic
Table 21. Charge pump
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
CP
CP_DELTA Delta voltage CP-VB
VB>5V
3
-
6
V
SRCx
VB
DRNx
gm
VTGND
VTOPEN
GATE
DRIVER
off state
VOUTOPEN
DIAGOL
DIAGLV
ILOADx
I_LS_PD
I_LS_PU
GAPG0309151526PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com