Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics L9301 Datasheet HTML 22Page - STMicroelectronics L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
DS11400 Rev 9
23/54
L9301
Configurable high/low side driver
53
8
Configurable high/low side driver
The channels 1 to 4 can be configured as high or low side using SPI CR0: conf4_lshs. In the
low side configuration an internal clamp is present.
In high side configuration, the DRNx are connected to VB pin on PCB. To guarantee the OC
(over current) function, the DRNx voltage has to be within the range of (VB-1 V, VB+1 V).
Figure 8. Configurable high/low side driver diagram
8.1
Electrical characteristics DRN/SRC1-4
5 V ≤ VB < 18 V; -40°C ≤ Tj ≤ 175°C unless otherwise specified.
Logic
Charge pump
EN
INx
RES
SPI
VB
Vcp
DRNx
protection
Driver
SRCx
dropout reg.
GAPG0309151213PS
VDD5
Table 18. Configurable high/low side drivers 1-4 electrical characteristics
Pin
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
DRN1-4
SRC1-4
RDS-on_HLS -
HS/LS configuration
VB = 13.5 V; I_load = 1 A
-
-
0.6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com