Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 6Page - STMicroelectronics L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Electrical specifications
L9301
10/54
DS11400 Rev 9
3.3
Operating range
3.4
Thermal data
Figure 3. Device assembled on 2s2p PCB with high density vias in contact with a metal plate
Table 5. Operating range
Symbol
Parameter
Min.
Max.
Unit
VB
Supply voltage
VB_UV
18
V
VDD
Stabilized supply voltage
VDD_UV
VDD_OV
V
VDD_IO
Logic output supply voltage
3.0
5.5
V
Table 6. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tamb(1)
Operating ambient temperature
-40
-
125
°C
Tstg
Storage temperature
-40
-
150
°C
Tj
Junction temperature
-40
-
175
°C
Tsd
Thermal shutdown temperature
180
-
195
°C
Tsd-hys
Thermal shutdown temperature hysteresis
-
10
-
°C
1. For information only, in any case Tj limits must not exceed.
Table 7. Thermal resistance
Symbol
Parameter
Working conditions
Value
Unit
Rth j-amb
Junction to ambient
2s2p (4L) board; Natural convection(1)
27
°C/W
2s2p (4L) board on ECU metal plate(2)
8
°C/W
Rth j-bottom case Junction to bottom case
Bottom cold plate(3)
1
°C/W
Rth j-top case
Junction to top case
Top cold plate(4)
21
°C/W
Psij-top case
Psi Junction to top case
2s2p (4L) board; Natural convection (1)
2
°C/W
1. Jedec STD. JESD51.
2. Package assembled on 2s2p (4L) board. The board bottom side is in contact with a metal plate as per typical automotive
application (ECU system). See Figure 3.
3. Thermal resistance between the die and the bottom case surface in ideal contact and measured by cold plate as per Jedec
best practice guidelines (JESD51).
4. Thermal resistance between the die and the top case surface in ideal contact and measured by cold plate as per Jedec
best practice guidelines (JESD51).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com