Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Supply pins
L9301
12/54
DS11400 Rev 9
4.3
VDD_IO
This pin is used to supply the discrete MISO output stage of L9301 and must be connected
to the same voltage used to supply the peripherals of the processor interfaced to L9301.
Table 9. VB
Pin
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VB
VB_UV
VB undervoltage
detection threshold
VB decreasing
3.5
-
4
V
VB_UV_on
VB undervoltage
detection threshold
VB increasing
4
-
4.5
V
VB_UV_hys
VB undervoltage
hysteresis
-
0.1
-
1
V
VB_UV_filt
VB undervoltage
filtering time
Tested by scan
90
-
145
us
VB_OV
VB overvoltage
detection threshold
VB increasing
19
-
22
V
VB_OV_on
VB overvoltage
detection threshold
VB decreasing
19
-
21
V
VB_UV_hys
VB overvoltage
hysteresis
-
0.1
-
1
V
VB_OV_filt
VB overvoltage filtering
time
Tested by scan
90
-
145
µs
VB_Istby
VB standby current
consumption
VB = 18 V
EN = 0; RES = 0
-
-
0.19
mA
VB_Ibias
VB current
consumption
VB = 18 V
EN = 1; RES = 1
-
-
0.55
mA
Table 10. VDDIO
Pin
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VDDIO
VDDIO_Istby
VDDIO standby current
consumption
VDDIO = 5.25 V
EN = 0; RES = 0
-
-
0.96
mA
VDDIO_Ibias
VDDIO current
consumption
VDDIO = 5.25 V
EN = 1; RES = 1
-
-
0.82
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com