Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 23Page - STMicroelectronics L9301 Datasheet HTML 24Page - STMicroelectronics L9301 Datasheet HTML 25Page - STMicroelectronics L9301 Datasheet HTML 26Page - STMicroelectronics L9301 Datasheet HTML 27Page - STMicroelectronics L9301 Datasheet HTML 28Page - STMicroelectronics L9301 Datasheet HTML 29Page - STMicroelectronics L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
DS11400 Rev 9
27/54
L9301
Low side driver
53
9.2
Electrical characteristics OUT5-8
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
9.3
Driver diagnostic
9.3.1
Thermal protection
Each solenoid channel has a dedicated temperature sensor that continuously monitors the
temperature of the PowerMOS.
In case the shutdown temperature Tsd is reached the related channel is turned off and the
dedicated diagnostic bits are set. t_sdl_x is the bit that latches the thermal shut down and it
is cleared after sending dedicated SPI to clear the bit, t_sd_x is the other thermal shut down
bit and once it is set by thermal shut down condition it is cleared only when the Tj decreases
below the thermal shut down threshold (hysteresis). If the microcontroller, when the device
Table 20. Low-side drivers OUT5-8 electrical characteristics
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
OUT5-8
RDS-on_LS
Drain–source
resistance
I_load = 2 A
-
-
0,3
Ω
IOUT_LK_LS
Output leakage
current
OUTx = 13.5 V
-
-
10
µA
VS/R_s_LS
Voltage S/R on/off
“slow”
VB = 13.5 V
Load: 8 Ω, 10 nF – From 80%
to 30% of OUTx
2
4
6
V/µs
VS/R_f_LS
Voltage S/R on/off
“fast”
VB = 13.5 V
Load: 8 Ω, 10 nF – From 80%
to 30% of VOUT
5
10
15
V/µs
Tturn-on_LS
Turn-on delay time
From command to 80%
OUTx
Load: 8 Ω, 10 nF
-
-
3
µs
Tturn-off_LS
Turn-off delay time
From command to 30%
OUTx
Load: 8 Ω, 10 nF
-
-
3
µs
Min_duty
Minimum ON/OFF
time of INx or SPI
CMDx
Note for application
-
-
28
µs
VCL_LS
Output clamping
voltage
I_load = 1.25 A T = 130 °C
34
37.5
41
V
I_load = 1.25 A T= -40 °C
and 25 °C
35
37.5
41
EclampSP_LS
Energy repetitive
pulse
LS configuration
I_load = 2.2 A, Tj = 150 °C,
100 kpulses
-
-
15
mJ
EclampSP_LS Single pulse energy
LS configuration
I_load = 2.2 A, Tj = 150 °C
-
18.1
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com