Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 41Page - STMicroelectronics L9965TS Datasheet HTML 42Page - STMicroelectronics L9965TS Datasheet HTML 43Page - STMicroelectronics L9965TS Datasheet HTML 44Page - STMicroelectronics L9965TS Datasheet HTML 45Page - STMicroelectronics L9965TS Datasheet HTML 46Page - STMicroelectronics L9965TS Datasheet HTML 47Page - STMicroelectronics L9965TS Datasheet HTML 48Page - STMicroelectronics L9965TS Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Figure 18. FLT pin structure
5.9.3
WKP
The WKP pin is a high voltage output pin that provides a voltage VB - VWKP_DROP to enable external regulators
(SBC, PMIC) used to power the microprocessor and VIO pin as shown in figure below.
Figure 19. WKP pin application circuit
When WKP PMOS pullup is not activated, WKP pin is in high impedance, and the external circuitry defines the pin
voltage (in the typ. application circuit, 100 kΩ resistor to GND is used).
WKP PMOS pullup is triggered:
•
When a FAULT/WAKEUP tone is received on VIF in DEEP_SLEEP, CYCLIC_WAKEUP and
CYCLIC_COUNT. In this case the device moves to NORMAL state and WKP pin is asserted
•
In NORMAL mode, WKP can be asserted by setting bit WKP_SET =1 (in GEN_CFG4 register).
WKP function can be disabled configuring WKP_DIS=1 (in GEN_CFG4 register); the default value is
WKP_DIS=0. In NORMAL mode, the WKP pin operates accordingly to the following table:
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 45/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com