Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 28Page - STMicroelectronics L9965TS Datasheet HTML 29Page - STMicroelectronics L9965TS Datasheet HTML 30Page - STMicroelectronics L9965TS Datasheet HTML 31Page - STMicroelectronics L9965TS Datasheet HTML 32Page - STMicroelectronics L9965TS Datasheet HTML 33Page - STMicroelectronics L9965TS Datasheet HTML 34Page - STMicroelectronics L9965TS Datasheet HTML 35Page - STMicroelectronics L9965TS Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Figure 11. VIF waveform
5.7.2.1
VIF errors and events management
The error and status bits related to VIF communication are reported in Table 33 below.
For the communication protocol, see Section 5.8.
Table 33. VIF diagnostics
Fault
type
Assertion
condition
IC reaction to assertion
Release
condition
Maskable
VIF
CRC
Error
VIF communication
wrong CRC error
(previous frame
received on VIF port
has wrong CRC)
•
Frame is discarded
•
ISO_COMM_CRC_ERR = 1 in
COMM_ERR_ISO
•
ISO_ERR = 1 in GEN_STATUS1
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
MSK_ISO_ERR = 0 in
GEN_CFG2
Clear on
read
•
ISO_COMM_CRC_ERR status
bit non maskable
•
ISO _ERR status bit non
maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_ISO_ERR in
GEN_CFG2
VIF
Short
Frame
VIF communication
short frame error
(frame received on
VIF port is shorter
than 40 bits)
•
Frame is discarded
•
ISO_SHORT_FRAME = 1 in
COMM_ERR_ISO
•
ISO_ERR = 1 in GEN_STATUS1
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
MSK_ISO_ERR = 0 in
GEN_CFG2
Clear on
read
•
ISO_SHORT_FRAME status
bit non maskable
•
ISO _ERR status bit non
maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_ISO_ERR in
GEN_CFG2
VIF
Long
Frame
VIF communication
long frame error
(frame received on
VIF port – with
exception of
compressed
frames(1) – is longer
than 40 bits)
•
Frame is discarded
•
ISO_LONG_FRAME = 1 in
COMM_ERR_ISO
•
ISO_ERR = 1 in GEN_STATUS1
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
MSK_ISO_ERR = 0 in
GEN_CFG2
Clear on
read
•
ISO_LONG_FRAME status bit
non maskable
•
ISO _ERR status bit non
maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_ISO_ERR in
GEN_CFG2
FIFO TX
FULL
Overwriting of last
TX frame with a
new frame to be
sent through VIF
•
Ongoing transmission continues
•
FIFO_TX frame is overwritten
•
FIFO_TX_FULL = 1 in
GEN_STATUS1
•
The FLT pin and the SPI FAULT is
asserted in NORMAL if
MSK_FIFO_TX_FULL = 0 in
GEN_CFG3
Clear on
read
•
FIFO_TX_FULL status bit non
maskable
•
FLT pin and the SPI FAULT
maskable by bit
MSK_FIFO_TX_FULL in
GEN_CFG3
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 32/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com