Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965TS Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9965TS
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965TS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9965TS Datasheet HTML 4Page - STMicroelectronics L9965TS Datasheet HTML 5Page - STMicroelectronics L9965TS Datasheet HTML 6Page - STMicroelectronics L9965TS Datasheet HTML 7Page - STMicroelectronics L9965TS Datasheet HTML 8Page - STMicroelectronics L9965TS Datasheet HTML 9Page - STMicroelectronics L9965TS Datasheet HTML 10Page - STMicroelectronics L9965TS Datasheet HTML 11Page - STMicroelectronics L9965TS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
3
Device ratings
3.1
Electrical ratings
The following section describes the different operational ranges.
For each device pin:
•
Operating Range (OR): within this range functions operate as specified and without parameter deviations.
All the device’s electrical parameters are tested and guaranteed in this range and are valid over the whole
junction temperature operating range, unless otherwise specified.
•
Absolute Maximum Rating range (AMR): within this range functions may not operate properly. However,
the IC will not be damaged. Exposure to AMR conditions for extended periods may affect device reliability.
Exceeding any AMR may cause permanent damage to the integrated circuit.
Note:
Currents are noted with a positive sign when flowing into a pin.
Note:
Integrated protections and diagnostics are designed to prevent device destruction under the fault conditions
described in the specification. Fault conditions are considered to be out of normal operating range. Protection
functions are not designed for continuous repetitive operation.
All device electrical parameters in this document are tested and guaranteed in the operating conditions specified
in Table 3 below, unless otherwise noted.
L9965T/L9965TS
Device ratings
DS14987 - Rev 1
page 8/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com